Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VT5376
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VT5376 Datasheet HTML 11Page - STMicroelectronics VT5376 Datasheet HTML 12Page - STMicroelectronics VT5376 Datasheet HTML 13Page - STMicroelectronics VT5376 Datasheet HTML 14Page - STMicroelectronics VT5376 Datasheet HTML 15Page - STMicroelectronics VT5376 Datasheet HTML 16Page - STMicroelectronics VT5376 Datasheet HTML 17Page - STMicroelectronics VT5376 Datasheet HTML 18Page - STMicroelectronics VT5376 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
VT5376
I2C control register map
15/30
0x27
[0]
Invert X
RW
0h
Allows X to be inverted (2)
[1]
Invert Y
RW
0h
Allows Y to be inverted(2)
[3]
Swap XY
RW
1h
Replaces X with Y and Y with X
[5]
Test Pattern Enabled
RW
0h
0: Normal mode
1: Diamond shape pattern
[7]
Test Pattern Speed
RW
0h
Diamond test pattern speed -
0x0 : motion = 127 max speed
0x1 : motion = 64
0x2 : motion = 32
0x3 : motion = 16
0x29
[7:0]
Min_features[13:6]
RW
0000_0100
This register represents the feature
threshold below which motion is no
longer valid (in this case, the device
reports “0” motion). This is linked to
the value reported in registers
0x31/0x32
0x2A
[7:0]
Scaling for X motion vectors
RW
0001_0000
Sets resolution as CPI:
8: 400 CPI
16: 800 CPI
Assuming lens magnification of x0.5
0x2B
[7:0]
Scaling for Y motion vectors
RW
0001_0000
Sets resolution as CPI:
0x08: 400 CPI
0x10: 800 CPI
Assuming lens magnification of x 0.5
0x31
[15:8]
Features count
RO
Feature count report: the higher the
value, the more distinctive features the
surface requires, for the motion
detection machine to operate reliably.
0x32
[7:0]
RO
0x41
[7:0]
Exposure [8:1]
RW
80h
Exposure value in 2 x CLK12 period
units
0x43
[4]
Auto Expo En
RW
1h
Auto exposure enable
0x47
[7:0]
Vbat converted data
RO
This register holds the current
converted data from the Vbat input
voltage.
The data range is as follows:
0000_0000: Vbat = 0.6 V
1111_1111: Vbat = 1.6 V
The response is linear for each value
in between. ADC step: 1V/256 =
3.9mV
0x4F
[7:0]
Exp max value
RO
This registers holds the maximum
pixel value (before CDS) for the
current frame. It shows if some pixels
are saturated or not.
Table 7.
I2C control register map (continued)
Address
Bits
Name
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com