Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 3Page - STMicroelectronics L5955 Datasheet HTML 4Page - STMicroelectronics L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L5955
Electrical specification
7/17
ΔV
load
Load regulation
0.5mA
≤ I
ST-BY2 ≤ 300mA
100
mV
VDROPOUT
Dropout voltage (measure VBAT -
VST-BY2 when VST-BY2 drops0.1V)
IST-BY2 = 300mA
IST-BY2 = 5mA
4.1
3
V
V
Ilim2
Current limit
360
700
mA
SVR3
Supply voltage rejection ST-BY2
fo = 120-10kHz, VBAT = 14V
with 1.0Vp-p AC,
fo = 20-20kHz, VBAT = 14V
with 1.0Vp-p AC
50
45
dB
dB
10V/40mA REG1 output
VREG1
Output voltage
IREG1 = 40mA
9.50
10
10.5
V
ΔV
line
Line regulation
11.4V
≤ V
BAT≤ 18V (measure Δ
VREG1 across VBAT range)
55
mV
ΔV
load
Load regulation
5mA
≤ I
REG1 ≤ 40mA
55
mV
VDROPOUT
Dropout voltage (measure VBAT -
VREG1 when VREG1 drops 0.1V)
IREG1 = 40mA
IREG1 = 5mA
1200
300
mV
mV
Ilim1
Current limit
60
200
mA
SVR
Supply voltage rejection
(guaranteed by characterization-
test at 1kHz with 50dB Limit)
50
dB
8.5V/200mA REG2 output
VREG2
Output voltage
IREG2 = 200mA
8.3
8.5
8.7
V
ΔV
line
Line regulation
9.6V
≤ V
BAT ≤ 18V (measure Δ VREG2
across VBAT range)
50
mV
ΔV
load
Load regulation
5mA
≤ I
REG2 ≤ 200mA
50
mV
VDROPOUT
Dropout voltage (measure VBAT -
VREG2 when VREG2 drops 0.1V)
IREG2 = 200mA
IREG2 = 5mA
1100
600
mV
mV
Ilim2
Current limit
225
525
mA
SVR
Ripple rejection (guaranteed By
characterization-test at 1kHz with
50dB limit)
50
dB
3.3V/850mA REG3 output
VREG3
Output voltage
IREG3 = 850mA
3.14
3.46
V
ΔV
line
Line regulation
7V
≤ V
BAT ≤ 18V (Measure Δ VREG2
Across VBAT range)
40
mV
ΔV
load
Load regulation
5mA
≤ I
REG3 ≤ 850mA
100
mV
VDROPOUT
Dropout voltage (measure VBAT -
VREG3 when VREG3 drops 0.1V)
IREG3 = 850mA
IREG3 = 5mA
3.46
2.86
V
V
Table 4.
Electrical characteristics (continued)
(Refer to the application circuit, Vbat =Vbat1+Vbat2+Vbat3= 14V, IST-BY1 = 0.5mA, IST-BY2 =
0.5mA, IREG1 = IREG2 = IREG3 = IREG4 = IREG5 = IREG6 = 5mA, RHSD1 = RHSD2 = RHSD3 = 16Ω)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com