Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics L5955 Datasheet HTML 12Page - STMicroelectronics L5955 Datasheet HTML 13Page - STMicroelectronics L5955 Datasheet HTML 14Page - STMicroelectronics L5955 Datasheet HTML 15Page - STMicroelectronics L5955 Datasheet HTML 16Page - STMicroelectronics L5955 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L5955
Functional description
13/17
3.2
Chip address byte:
3.3
Data byte:
Default mode is 0000 0000 which corresponds to all outputs being off, low power mode.
Table 5.
Chip address byte
Chip address
Read/write
A7
A6
A5
A4
A3
A2
A1
A0
0
0010
00
0
Table 6.
Data byte
b7
b6
b5
b4
b3
b2
b1
b0
Data byte 0
REG6 SET
REG5 SET2
REG5 SET1
REG4 SET
HSD3EN
HSD2EN0
HSD1EN0
Data byte 1
REG6EN
REG5EN
REG4EN
REG2EN
REG1EN
Table 7.
Data byte 0 description
Name
Description
State
Definition
bit
REG6 SET
REG6 output voltage configuration
01.8V
b7
12.5V
b7
REG5 SET1
REG5 SET2
REG5 output voltage configuration
00
5.0V
b5, b6
01
3.3V
b5, b6
10
1.8V
b5, b6
11
x
b5, b6
REG4 SET
REG4 output voltage configuration
08.0V
b4
1
10.0V
b4
HSD3EN
HSD3 Enable
0Off
b2
1On
b2
HSD2EN
HSD2 Enable
0Off
b1
1On
b1
HSD1EN
HSD1 Enable
0Off
b0
1On
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com