Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics L5955 Datasheet HTML 12Page - STMicroelectronics L5955 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L5955
Electrical specification
9/17
1.8-2.5V/200mA REG6 output
VREG6
Output voltage
IREG6 = 200mA
1.71
2.38
1.89
2.62
V
V
ΔV
line
Line regulation
7V
≤ V
BAT ≤ 18V (measure Δ
VREG6 across VBAT range)
40
mV
ΔV
load
Load regulation
5mA
≤ I
REG6 ≤ 200mA
50
mV
VDROPOUT
Dropout voltage (measure VBAT -
VREG6 when VREG6 drops 0.1V)
IREG6 = 200mA @ VREG6=1.8V
IREG6 = 5mA @ VREG6=1.8V
IREG6 = 200mA @ VREG6=2.5V
IREG6 = 5mA @ VREG6=2.5V
4.89
4.29
4.22
3.62
V
V
V
V
Ilim6
Current limit
240
600
mA
SVR
Ripple rejection (guaranteed by
characterization-test at 1kHz with
50dB limit)
50
dB
2A HSD1
Vsat
Output saturation voltage
IHSD1 = 1A
continuous time operation
IHSD1=2A t=5seconds
0.6
1.2
V
V
Ileak1
Output leakage current
All Driver Outputs are Off
50
μA
Ilim
Current limiting
RHSD1 = 0.5Ω
2.4
4
A
0.45A HSD2 & HSD3
Vsat
Output saturation voltage
IHSD2,3 = 300mA
continuous time operation
IHSD2,3=450mA t=5 seconds
0.6
1.2
V
V
Ileak2,3
Output leakage current
All driver outputs are Off
50
μA
Ilim
Current limiting
RHSD2,3 = 0.5Ω
0.550
1
A
Characteristics for I2C
VIL
LOW level input voltage
1.5
V
VIH
HIGH level input voltage
3
V
VHYS
Input hysteresis
0.2
V
VOL1
VOL1
LOW level output
Sink current = 3mA
Sink current = 6mA
0.4
0.6
V
V
I1
Input current
0.5V
≤ V
I ≤ 4.5V
10
μA
fSCL
SCL clock frequency
400
kHz
Table 4.
Electrical characteristics (continued)
(Refer to the application circuit, Vbat =Vbat1+Vbat2+Vbat3= 14V, IST-BY1 = 0.5mA, IST-BY2 =
0.5mA, IREG1 = IREG2 = IREG3 = IREG4 = IREG5 = IREG6 = 5mA, RHSD1 = RHSD2 = RHSD3 = 16Ω)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com