Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 4 Page - STMicroelectronics

  L5955 Datasheet HTML 1Page - STMicroelectronics L5955 Datasheet HTML 2Page - STMicroelectronics L5955 Datasheet HTML 3Page - STMicroelectronics L5955 Datasheet HTML 4Page - STMicroelectronics L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical specification
L5955
4/17
2
Electrical specification
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS1,
VS2,
VS3_1,
VS3_2
DC operating supply voltage
0.6 to 26.5
V
VS1,
VS2,
VS3_1,
VS3_2
Transient supply over voltages,
rise time = 10ms
delay time = 115ms
34
V
VS1,2,3_1,3
_2,ovs
Overvoltage shutdown
27
V
Vin
Input voltages (EN, SDA, SCL, LVW, MRST, MRSTDLY,
CSLEW)
-0.6 to 5.5
V
Vout
Output control voltage
-0.6 to 18
V
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com