Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics L5955 Datasheet HTML 12Page - STMicroelectronics L5955 Datasheet HTML 13Page - STMicroelectronics L5955 Datasheet HTML 14Page - STMicroelectronics L5955 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L5955
Functional description
11/17
Figure 4.
Reset timing
Figure 5.
SLEW function
Figure 6.
Sequencing function
VREG6
VSTBY1 or 2
MRST*
RSTR6
<td MRST
<td RSTR6
td MRST
td RSTR6
tpor
tf MRST
tf RSTR6
D02AU1402
V
3.3V
1.5V
VSTBY1
VSTBY2
t
ON
t
V
V
t
t
STBY1
VBAT
dVlead
dVIag
dVIag
STBY2
D02AU1404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com