Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics L5955 Datasheet HTML 12Page - STMicroelectronics L5955 Datasheet HTML 13Page - STMicroelectronics L5955 Datasheet HTML 14Page - STMicroelectronics L5955 Datasheet HTML 15Page - STMicroelectronics L5955 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Functional description
L5955
12/17
Figure 7.
Definition of timing on the I2C Bus.
Figure 8.
Typical application circuit
3.1
Write mode:
S = START condition - SDA goes from high to low while SCL is high
A = Acknowledge - the device being written to, pulls down on data line (SDA) during the
acknowledge clock pulse.
P = STOP condition - SDA goes from low to high while SCL is high.
tBUP
PS
P
SDA
SCL
Sr
tLOW
tR
tF
tHD;DAT
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
D99AU1007
tSP
tHIGH
STBY1
STBY2
REG1
REG2
REG3
REG4
REG5
REG6
HSD1
HSD2
HSD3
GND
PGND
TAB1
TAB2
V
BAT1
V
BAT2
V
BAT3_1
V
BAT3_2
EN
SCL
SDA
MRSTDLY
Cslew
0.1
μF
T.B.D.
LVW
STBY1
MRST
LVW_IN
10K
V
BAT1
T.B.D.
T.B.D.
11
17
13
15
9
2
21
7
25
5
23
19
18
20
12
10
24
26
16
22
4
6
8
14
3
1
27
8 x 10
μF
Chip address
Data byte
S
0
A
A
..
..
P
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com