Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5955 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 5 Page - STMicroelectronics

  L5955 Datasheet HTML 1Page - STMicroelectronics L5955 Datasheet HTML 2Page - STMicroelectronics L5955 Datasheet HTML 3Page - STMicroelectronics L5955 Datasheet HTML 4Page - STMicroelectronics L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
L5955
Electrical specification
5/17
2.3
Electrical characteristics
Table 4.
Electrical characteristics
(Refer to the application circuit, Vbat =Vbat1+Vbat2+Vbat3= 14V, IST-BY1 = 0.5mA, IST-BY2 =
0.5mA, IREG1 = IREG2 = IREG3 = IREG4 = IREG5 = IREG6 = 5mA, RHSD1 = RHSD2 = RHSD3 = 16Ω)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IqST-BY
Stand-by quiescent current
Vbat = 14V, EN = 0.
IST-BY1 = Istby2=100uA,
IQ(Vbat)=Ivbat1+Ivabt2+Ivbat3
170
μA
Iq
Maximum quiescent current
Vbat = 14V, EN=VSTBY1
Istby1=125mA Istby2=300mA
IREG1 = 40mA
IREG2 = 200mA, IREG3 = 850mA
IREG4 = 1A, IREG5 = 250mA
IREG6 = 200mA, IHSD1 = 2A
IHSD2,3 = 450mA
100
mA
IEN
Enable input current
Vbat = 14V; 5V<Enable ≥ 0V;
10
μA
VIL
VIH
Enable threshold voltage
Vbat = 14V;
2
0.8
V
V
VL MRST
MRST output voltage
VST-BY1 = 0.5V to VTH (ST-BY1)
VST-BY2 = 0.5V to VTH (ST-BY2)
Rising
0
0
0.4
0.4
V
VH MRST
VST-BY1 = VTH (ST-BY1) to 0.5V
VST-BY2 = VTH (ST-BY2) to 0.5V
Falling
0
0
0.4
0.4
V
VTH MRST MRST output voltage threshold
Force VST-BY1 & VST-BY2
Low until MRST asserted
VST-BY2
· 0.93
VST-BY1
· 0.93
VST-BY2
· 0.97
VST-BY1
· 0.97
V
V
td MRST
MRST delay time
see Figure 4
13
μs
tpor MRST Power on reset delay time
CMRSTLY = 220nF
see Figure 4
20
ms
tf MRST
MRST fall time
RRST = 47kΩ, CRST = 50pF
see Figure 4
1
μs
ISCR MRST MRSTDLY current
MRSTDLY = 0
6
12
μA
ILKG
MRSTDLY
MRSTDLY leakage current
MRSTDLY = 5V
6
μA
Vsat
MRSTDLY
MRSTDLY saturation voltage
IMRSTDLY =0.5mA
0
0.4
V
VTH
LVWIN input voltage threshold
1.25 V (nominal)
1.22
1.28
V
ILKG
lvwin input leakage current
2
µA
VOH
LVW output voltage
IOH=-100µA
VSTBY1
-0.2
VSTBY1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com