Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 4Page - STMicroelectronics L6722 Datasheet HTML 5Page - STMicroelectronics L6722 Datasheet HTML 6Page - STMicroelectronics L6722 Datasheet HTML 7Page - STMicroelectronics L6722 Datasheet HTML 8Page - STMicroelectronics L6722 Datasheet HTML 9Page - STMicroelectronics L6722 Datasheet HTML 10Page - STMicroelectronics L6722 Datasheet HTML 11Page - STMicroelectronics L6722 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
2 Pins description and connection diagrams
L6722
8/34
9LGATE2
Channel 2 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
10
LGATE3
Channel 3 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
11
BOOT1
Channel 1 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE1 and provide
necessary Bootstrap diode.
A small series resistor before the boot diode helps in reducing Boot
capacitor overcharge.
12
UGATE1
Channel 1 HS driver output.
A small series resistors helps in reducing device-dissipated power.
13
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 mosfet source and provides return path
for the HS driver of channel 1.
14
BOOT2
Channel 2 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE2 and provide
necessary Bootstrap diode.
A small series resistor before the boot diode helps in reducing Boot
capacitor overcharge.
15
UGATE2
Channel 2 HS driver output.
A small series resistors helps in reducing device-dissipated power.
16
PHASE2
Channel 2 HS driver return path.
It must be connected to the HS2 mosfet source and provides return path
for the HS driver of channel 2.
17
BOOT3
Channel 3 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE3 and provide
necessary Bootstrap diode.
A small series resistor before the boot diode helps in reducing Boot
capacitor overcharge.
18
UGATE3
Channel 3 HS driver output.
A small series resistors helps in reducing device-dissipated power.
19
PHASE3
Channel 3 HS driver return path.
It must be connected to the HS3 mosfet source and provides return path
for the HS driver of channel 3.
20
N.C.
Not Internally Bonded.
21
PGOOD
Open Drain Output set free after SS has finished and pulled low when
VSEN is lower than the relative threshold. Pull up to a voltage lower than
5V (typ), if not used it can be left floating.
22
N.C.
Not Internally Bonded.
Table 1.
Pins description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com