Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 16Page - STMicroelectronics L6722 Datasheet HTML 17Page - STMicroelectronics L6722 Datasheet HTML 18Page - STMicroelectronics L6722 Datasheet HTML 19Page - STMicroelectronics L6722 Datasheet HTML 20Page - STMicroelectronics L6722 Datasheet HTML 21Page - STMicroelectronics L6722 Datasheet HTML 22Page - STMicroelectronics L6722 Datasheet HTML 23Page - STMicroelectronics L6722 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
7 Output voltage positioning
L6722
20/34
7.3
Maximum duty cycle limitation
To provide proper time for current-reading in order to equalize the current carried by each
phase, the device implements a duty-cycle limitation. This limitation is not fixed but it is linearly
variable with the current delivered to the load as follow:
Duty Cycle limitation is variable with the delivered current to provide fast load transient
response at light load as well as assuring robust over-current protection.
Figure 10 shows the maximum output voltage that the device is able to regulate considering the
TON limitation imposed by the previous relationship. If the desired output characteristic crosses
the limited-TON maximum output voltage, the output resulting voltage will start to drop after the
cross-point. In this case, the output voltage starts to decrease following the resulting
characteristic (dotted in Figure 10) until UVP is detected or anyway until IISENx = 35µA.
Figure 10. Maximum duty-cycle limitation
T
ON max
()
0.80
T
SW
I
ISENx
0
µA
=
⋅
0.40
T
SW
I
ISENx
35
µA
=
⋅
⎩
⎨
⎧
=
VOUT
0.40 VIN
Maximum Output Voltage
0.80 VIN
IOCP = 3 x IOCPx
(IISENx = 35µA)
IOUT
VOUT
0.40 VIN
Limited TON
0.80 VIN
IOCP = 3 x IOCPx
(IISENx = 35µA)
IOUT
Desired output Char.
UVP Threshold
Resulting Output Char.
Limted-TON Output Char.
Limted-TON Output Char.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com