Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 20Page - STMicroelectronics L6722 Datasheet HTML 21Page - STMicroelectronics L6722 Datasheet HTML 22Page - STMicroelectronics L6722 Datasheet HTML 23Page - STMicroelectronics L6722 Datasheet HTML 24Page - STMicroelectronics L6722 Datasheet HTML 25Page - STMicroelectronics L6722 Datasheet HTML 26Page - STMicroelectronics L6722 Datasheet HTML 27Page - STMicroelectronics L6722 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
9 Output voltage monitor and protections
L6722
24/34
9.5
PGOOD
It is an open-drain signal set free after the soft-start sequence has finished. It is pulled low
when the output voltage drops below -150mV of the programmed voltage.
9.6
Over-current protection
The Over Current threshold has to be programmed, by designing the RISENx resistors, to a safe
value, in order to be sure that the device doesn't enter OCP during normal operations. This
value must take into consideration also the process spread and temperature variations of the
sensing elements as well as the minimum value IOCTH(min) of the threshold as follow:
where IOCPx is the current measured by the current reading circuitry when the device enters
Quasi-Constant-Current.
Since the device reads the current across Low Side mosfets, it limits the bottom of the inductor
current entering in constant current until setting UVP as below explained. IOCPx must be
calculated starting from the corresponding output current value IOUT(OCP) as follow since the
device holds the valley current information:
where IOUT(OCP) is still the output current value at which the device enters Quasi-Constant-
Current, and IPP is the inductor current ripple in each phase. In particular, since the device
limits the valley of the inductor current, the ripple entity, when not negligible, impacts on the real
OC threshold value and must be considered.
The device detects an Over Current condition for each phase when the current information
IISENx overcomes the fixed threshold of IOCTH. When this happens, the device keeps the
relative LS mosfet on, also skipping clock cycles, until the threshold is crossed back and IISENx
results being lower than the IOCTH threshold (this implies that the device limits the bottom of
each inductor current ripple). After exiting the OC condition, the LS mosfet is turned off and the
HS is turned on with a duty cycle driven by the PWM comparator.
Keeping the LS on, skipping clock cycles, causes the on-time subsequent to the exit from the
OC condition, driven by the control loop, to increase. The device enters in Quasi-Constant-
Current operation: the low-side mosfets stays ON until the current read becomes lower than
IOCPx (IINFOx < IOCTH) skipping clock cycles. The high side mosfet can be then turned ON with
a TON imposed by the control loop after the LS turn-off and the device works in the usual way
until another OCP event is detected.
This means that the average current delivered can slightly increase in Quasi-Constant-Current
operation since the current ripple increases. In fact, the ON time increases due to the OFF time
rise because of the current has to reach the IOCPx bottom. The worst-case condition is when
the ON time reaches its maximum value.
When this happens, the device works in Real Constant Current and the output voltage
decrease as the load increase. Crossing the UVP threshold causes the device to latch driving
high the OSC pin.
It can be observed that the peak current (IPEAK) is greater than IOCPx but it can be determined
as follow:
Rg
I
OCPx max
()
R
dsON max
()
⋅
I
OCTH min
()
---------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
3
----------------------------
∆I
PP
2
------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com