Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 15Page - STMicroelectronics L6722 Datasheet HTML 16Page - STMicroelectronics L6722 Datasheet HTML 17Page - STMicroelectronics L6722 Datasheet HTML 18Page - STMicroelectronics L6722 Datasheet HTML 19Page - STMicroelectronics L6722 Datasheet HTML 20Page - STMicroelectronics L6722 Datasheet HTML 21Page - STMicroelectronics L6722 Datasheet HTML 22Page - STMicroelectronics L6722 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
L6722
7 Output voltage positioning
19/34
Time constant matching between the inductor (L / DCR) and the current reading filter
(
) is required to implement a real equivalent output impedance of the system so
avoiding over and/or under shoot of the output voltage as a consequence of a load transient. In
fact, considering the scheme reported on Figure 9, it is possible to observe that:
By applying the time constant matching concept, it results:
=>
The device forces IDROOP = ICS x 3, proportional to the read current, into the feedback resistor
RFB implementing the load regulation dependence. The output characteristic vs. load current is
then given by (Offset disabled):
Where RLL is the resulting load-line resistance implemented by the system.
The whole power supply can be then represented by a "real" voltage generator with an
equivalent output resistance RLL and a voltage value of VID.
RFB resistor can be then designed according to the RLL specifications as follow:
Warning:
Droop function is operational for output voltages up to 1.8V.
Caution:
Droop function is optional, in case it is not desired, the Current Sense circuit can be tricked so
that the device always read a null current. To do this, it is enough connecting CS+ directly to the
output voltage leaving CS- unconnected. The reaction will keep CS+ and CS- at the same
voltage, always reading a null current and also assuring the FB disconnection protection to be
effective. To aovid setting the FB-disconnection protection, it is also suggested to connect CS+
to local-VOUT through the same resistor divider used as external divider (See Figure 1).
To disable also the FB disconnection protection, CS+ can be directly connected to VSEN or
SGND.
Figure 9.
Droop function current reading network
R
PH
C
PH
⋅
S
I
OUT
3
------------
1s
L
⋅
DCR
⁄
+
1s
R
⋅
PH
C
⋅
PH
3
⁄
+
-------------------------------------------------------------
DC
R
D
--------
⋅⋅
=
L
DCR
-------------
R
PH
C
⋅
PH
3
------------------------------
=
I
CS
I
OUT
3
------------
DCR
R
D
-------------
⋅
=
OUT
VID
R
FB
I
DROOP
⋅
–
VID
R
FB
DCR
R
D
-------------
I
OUT
⋅⋅
–
VID
R
LL
I
OU
⋅
–
==
=
R
FB
R
LL
R
D
DCR
-------------
⋅
=
L2
L1
L3
DCR1
DCR2
DCR3
CPH
RD
PHASE3
PHASE2
PHASE1
VOUT
ICS
CS+
CS-
FB
IDROOP
x 3
RF
CF
RFB
COMP
L2
L1
L3
DCR1
DCR2
DCR3
PHASE3
PHASE2
PHASE1
VOUT
ICS
CS+
CS-
FB
IDROOP
x 3
RF
CF
RFB
COMP
Droop Function Enabled
Droop Function Disabled
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com