Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 17Page - STMicroelectronics L6722 Datasheet HTML 18Page - STMicroelectronics L6722 Datasheet HTML 19Page - STMicroelectronics L6722 Datasheet HTML 20Page - STMicroelectronics L6722 Datasheet HTML 21Page - STMicroelectronics L6722 Datasheet HTML 22Page - STMicroelectronics L6722 Datasheet HTML 23Page - STMicroelectronics L6722 Datasheet HTML 24Page - STMicroelectronics L6722 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
L6722
8 Soft start
21/34
8
Soft start
L6722 implements a soft-start to smoothly charge the output filter avoiding high in-rush currents
to be required to the input power supply. The device increases the reference from zero up to
the programmed value in 2048 clock periods and the output voltage increases accordingly with
closed loop regulation. At the end of the digital Soft-Start, PGOOD signal is set free.
Protections are active during this phase; Under Voltage is enabled when the reference voltage
reaches 0.6V while Over Voltage is always enabled with a threshold dependent on the selected
Operative Mode
The device implements Soft-Start only when all the power supplies are above their own turn-on
thresholds and the INH pin is set free.
8.1
Low-side-less startup for pre-bias output
To manage pre-biased output start-up and in order to avoid any kind of negative undershoot
and dangerous return from the load, L6722 performs a special sequence in enabling LS driver
to switch: during the soft-start phase, the LS driver results disabled (LS=OFF) until the HS
starts to switch. This avoid the dangerous negative spike on the output voltage that can happen
if starting over a pre-biased output (See Figure 11).
This particular feature of the device masks the LS turn-on only from the control-loop point of
view: protections are still allowed to turn-on the ls mosfet in case of over-voltage if needed.
Figure 11. low-side-less startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com