Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 1 Page - STMicroelectronics

  L6722 Datasheet HTML 1Page - STMicroelectronics L6722 Datasheet HTML 2Page - STMicroelectronics L6722 Datasheet HTML 3Page - STMicroelectronics L6722 Datasheet HTML 4Page - STMicroelectronics L6722 Datasheet HTML 5Page - STMicroelectronics L6722 Datasheet HTML 6Page - STMicroelectronics L6722 Datasheet HTML 7Page - STMicroelectronics L6722 Datasheet HTML 8Page - STMicroelectronics L6722 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
May 2006
Rev 1
1/34
34
L6722
3 Phase controller for DC/DC converters
Features
■ 2A integrated gate drivers
■ 0.8V reference
■ 1% output voltage accuracy
■ Adjustable reference offset
■ Precise current sharing and OCP across LS
MOSFETS
■ Constant over current protection
■ Feedback disconnection
■ LSLESS allows managing pre-bias startup
■ Preliminary of protection
■ Oscillator internally fixed at 100kHz, externally
adjustable
■ Power good
■ Integrated remote sense buffer
■ VFQFPN36 package with exposed pad
Applications
■ Memory supply for server and workstation MBs
■ High density DC / DC converters
■ High current pol
Description
L6722 implements a three-phase step-down
controller with 120º phase-shift between each
phase with integrated high-current drivers in a
compact VFQFPN36 package with exposed pad.
L6722 manages output voltages down to 0.8V
with ±1% output voltage accuracy over line and
temperature variations. Additional programmable
offset can be added to the reference voltage with
a single external resistor in order to perform
margining tests.
The controller assures fast protection against load
over current and over / under voltage. In case of
over-current the system works in Constant
Current mode until UVP. Preliminary OVP allows
full load protection in case of startup with failed
HS. Feedback-disconnection protection prevents
from damaging the load in case of misconnections
in the remote sense. Pre-bias start-up is also
managed thanks to LSLESS.
Combined use of DCR and RdsON current
sensing assures precision in voltage positioning
(by reading droop current across inductors DCR)
and safe current sharing and OCP per each
phase (by reading the current across LS RdsON).
Droop function can be anyway disabled to
perform precise and load-insensitive regulation.
VFQFPN36
www.st.com
Order codes
Part number
Package
Packing
L6722
VFQFPN36
Tube
L6722TR
VFQFPN36
Tape & Reel


Similar Part No. - L6722

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6725 STMICROELECTRONICS-L6725 Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
L6725 STMICROELECTRONICS-L6725 Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725A STMICROELECTRONICS-L6725A Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725ATR STMICROELECTRONICS-L6725ATR Datasheet
803Kb / 32P
Voltage mode PWM controller with bootstrap anti-discharging system
28-Jun-2007
L6725TR STMICROELECTRONICS-L6725TR Datasheet
533Kb / 27P
Low cost adjustable step-down controller
26-Jun-2006
More results

Similar Description - L6722

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
PADAUK Technology.
DF319 PADAUK-DF319 Datasheet
307Kb / 12P
3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
3-Phase Brushless DC Motor Controller
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com