Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6722 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6722
Description  3 Phase controller for DC/DC converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6722 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6722 Datasheet HTML 6Page - STMicroelectronics L6722 Datasheet HTML 7Page - STMicroelectronics L6722 Datasheet HTML 8Page - STMicroelectronics L6722 Datasheet HTML 9Page - STMicroelectronics L6722 Datasheet HTML 10Page - STMicroelectronics L6722 Datasheet HTML 11Page - STMicroelectronics L6722 Datasheet HTML 12Page - STMicroelectronics L6722 Datasheet HTML 13Page - STMicroelectronics L6722 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
2 Pins description and connection diagrams
L6722
10/34
2.2
Thermal data
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction to Ambient
(Device soldered on 2s2p PC Board)
30
°C/W
TMAX
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-40 to 150
°C
TJ
Junction Temperature Range
-40 to 125
°C
PTOT
Maximum Power Dissipation at TA = 25°C
3.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com