Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics L6911E Datasheet HTML 10Page - STMicroelectronics L6911E Datasheet HTML 11Page - STMicroelectronics L6911E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Electrical characteristics
L6911E
8/34
4
Electrical characteristics
Table 5. Electrical characteristic (VCC = 12V; TA = 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC supply current
Icc
Vcc supply current
UGATE and LGATE open
5
mA
Power-ON
Turn-On VCC threshold
VOCSET = 4.5V
4.6
V
Turn-Off VCC threshold
VOCSET = 4.5V
3.6
V
Rising VOCSET threshold
1.26
V
ISS
Soft start current
10
µA
Oscillator
Free running frequency
RT = OPEN
180
200
220
kHz
Total Variation
6 K
Ω < RT to GND < 200 KΩ
-15
15
%
∆VOSC Ramp amplitude
RT = OPEN
1.9
Vp-p
Reference and DAC
DACOUT voltage accuracy
VID0, VID1,VID2, VID3, VID25mV
see Table 6 on page 9;
TA = 0 to 70°C
-1
1
%
VID Pull-Up voltage
3.1
V
Error amplifier
DC gain
88
dB
GBWP
Gain-bandwidth product
15
MHz
SR
Slew-rate
COMP = 10pF
10
V/
µS
Gate drivers
IUGATE
High side source current
VBOOT - VPHASE = 12V,
VUGATE - VPHASE = 6V
11.3
A
RUGATE
High side sink resistance
VBOOT - VPHASE = 12V,
IUGATE = 300mA
24
ILGATE
Low side source current
VCC = 12V, VLGATE = 6V
0.9
1.1
A
RLGATE
Low side sink resistance
Vcc=12V, ILGATE = 300mA
1.5
3
Output driver dead time
PHASE connected to GND
120
nS
Protections
Over voltage trip (VSEN/DACOUT) VSEN rising
117
120
%
IOCSET
OCSET current source
VOCSET = 4.5V
170
200
230
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com