Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 23Page - STMicroelectronics L6911E Datasheet HTML 24Page - STMicroelectronics L6911E Datasheet HTML 25Page - STMicroelectronics L6911E Datasheet HTML 26Page - STMicroelectronics L6911E Datasheet HTML 27Page - STMicroelectronics L6911E Datasheet HTML 28Page - STMicroelectronics L6911E Datasheet HTML 29Page - STMicroelectronics L6911E Datasheet HTML 30Page - STMicroelectronics L6911E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
L6911E
Connector pin orientation
27/34
7
Connector pin orientation
Table 7. Connector pin orientation
Pin #Row A
Pin #Row B
1
5Vin
50
5Vin
2
5Vin
49
5Vin
3
5Vin
48
5Vin
4
5Vin
47
5Vin
5
12Vin
46
12Vin
6
12Vin
45
12Vin
7
Reserved
44
No Contact
8
VID0
43
VID1
9
VID2
42
VID3
10
VID4 (25mV)
41
PWRGD
11
OUTEN
40
Ishare
12
VTT_PWRGD
39
VTT
13
Vss
38
Vss
14
VccCORE
37
Vss
15
VccCORE
36
VccCORE
16
Vss
35
Vss
17
VccCORE
34
VccCORE
Mechanical Key
18
Vss
33
Vss
19
VccCORE
32
VccCORE
20
Vss
31
Vss
21
VccCORE
30
VccCORE
22
Vss
29
Vss
23
VccCORE
28
VccCORE
24
Vss
27
Vss
25
VccCORE
26
VccCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com