Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 13Page - STMicroelectronics L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics L6911E Datasheet HTML 17Page - STMicroelectronics L6911E Datasheet HTML 18Page - STMicroelectronics L6911E Datasheet HTML 19Page - STMicroelectronics L6911E Datasheet HTML 20Page - STMicroelectronics L6911E Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
L6911E
Device description
17/34
Equation 7
Equation 8
The worst condition depends on the input voltage available and the output voltage selected.
Anyway the worst case is the response time after removal of the load with the minimum
output voltage programmed and the maximum input voltage available.
5.7
Output capacitor
Since the microprocessors require a current variation beyond 10A doing load transients,
with a slope in the range of tenth A/
µsec, the output capacitor is a basic component for the
fast response of the power supply. In fact for first few microseconds they supply the current
to the load. The controller recognizes immediately the load transient and sets the duty cycle
at 100%, but the current slope is limited by the inductor value.
The output voltage has a first drop due to the current variation inside the capacitor
(neglecting the effect of the ESL):
Equation 9
A minimum capacitor value is required to sustain the current during the load transient
without discharge it. The voltage drop due to the output capacitor discharge is given by the
following equation:
Equation 10
Where DMAX is the maximum duty cycle value that is 100%. The lower is the ESR, the lower
is the output drop during load transient and the lower is the output voltage static ripple.
t
application
L
∆I
⋅
V
IN
V
OUT
–
------------------------------
=
t
removal
L
∆I
⋅
V
OUT
--------------
=
∆V
OUT = ∆IOUT · ESR
∆V
OUT
∆I
OUT
2
L
2C
OUT
V
INMIN
D
MAX
V
OUT
–
⋅
()
⋅⋅
-------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com