Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 5 Page - STMicroelectronics

  L6911E Datasheet HTML 1Page - STMicroelectronics L6911E Datasheet HTML 2Page - STMicroelectronics L6911E Datasheet HTML 3Page - STMicroelectronics L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
L6911E
Pin settings
5/34
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (top view)
2.2
Pin description
VSEN
OCSET
SS/INH
VID0
VID1
VID3
VID2
VID4
COMP
PGOOD
PHASE
UGATE
PGND
BOOT
LGATE
VCC
OVP
RT
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
FB
GND
D98IN958
Table 2. Pin description
N°
Name
Description
1
VSEN
Connected to the output voltage is able to manage over-voltage conditions and
the PGOOD signal.
2OCSET
A resistor connected from this pin and the upper Mos Drain sets the current
limit protection.
The internal 200
µA current generator sinks a current from the
drain through the external resistor. The Over-Current threshold is due to the
following equation:
3
SS/INH
The soft start time is programmed connecting an external capacitor from this
pin and GND. The internal current generator forces through the capacitor
10
µA.
This pin can be used to disable the device forcing a voltage lower than 0.4V
4 - 8
VID0 - 4
Voltage Identification Code pins. These input are internally pulled-up and TTL
compatible. They are used to program the output voltage as specified in
Table 6 on page 9 and to set the overvoltage and power good thresholds.
Connect to GND to program a ‘0’ while leave floating to program a ‘1’.
9COMP
This pin is connected to the error amplifier output and is used to compensate
the voltage control feedback loop.
10
FB
This pin is connected to the error amplifier inverting input and is used to
compensate the voltage control feedback loop.
I
P
I
OCSET
R
OCSET
Þ
R
DSon
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com