Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics L6911E Datasheet HTML 10Page - STMicroelectronics L6911E Datasheet HTML 11Page - STMicroelectronics L6911E Datasheet HTML 12Page - STMicroelectronics L6911E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
L6911E
Electrical characteristics
9/34
4.1
VID Setting
IOVP
OVP sourcing current
VSEN > OVP trip, VOVP = 0V
60
mA
Power GOOD
Upper threshold
(VSEN/DACOUT)
VSEN rising
108
110
112
%
Lower threshold
(VSEN/DACOUT)
VSEN falling
88
90
92
%
Hysteresis
(VSEN/DACOUT)
Upper and lower threshold
2
%
VPGOOD PGOOD voltage low
IPGOOD = -5mA
0.5
V
Table 5. Electrical characteristic (VCC = 12V; TA = 25°C unless otherwise specified) (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 6. VID Setting
VID4
(25mV)
VID3
VID2
VID1
VID0
Output
Voltage (V)
VID4
(25mV)
VID3
VID2
VID1
VID0
Output
Voltage (V)
00
1
0
0
1.050
0
1
100
1.450
10
1
0
0
1.075
1
1
100
1.475
00
0
1
1
1.100
0
1
011
1.500
10
0
1
1
1.125
1
1
011
1.525
00
0
1
0
1.150
0
1
010
1.550
10
0
1
0
1.175
1
1
010
1.575
00
0
0
1
1.200
0
1
001
1.600
10
0
0
1
1.225
1
1
001
1.625
00
0
0
0
1.250
0
1
000
1.650
10
0
0
0
1.275
1
1
000
1.675
01
1
1
1
1.300
0
0
111
1.700
11
1
1
1
1.325
1
0
111
1.725
01
1
1
0
1.350
0
0
110
1.750
11
1
1
0
1.375
1
0
110
1.775
01
1
0
1
1.400
0
0
101
1.800
11
1
0
1
1.425
1
0
101
1.825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com