Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 19Page - STMicroelectronics L6911E Datasheet HTML 20Page - STMicroelectronics L6911E Datasheet HTML 21Page - STMicroelectronics L6911E Datasheet HTML 22Page - STMicroelectronics L6911E Datasheet HTML 23Page - STMicroelectronics L6911E Datasheet HTML 24Page - STMicroelectronics L6911E Datasheet HTML 25Page - STMicroelectronics L6911E Datasheet HTML 26Page - STMicroelectronics L6911E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
L6911E
Device description
23/34
Note:
To understand the reason of the previous assumption, the scheme in Figure 11 on page 23
must be considered.
In this scheme, the inductor current has been substituted by the load current, because in the
frequencies range of interest for the Droop function these current are substantially the same
and it was supposed that the droop network don't represent a charge for the inductor.
Figure 11. Voltage regulation with droop function block scheme
It results:
Equation 23
Because in the interested range |Gloop|>>1.
To obtain a flat shape, the relationship considered will naturally follow.
Av(s)
R(s)
Vout
V com p
Iout
d
s
L
s
OUT
R
τ
τ
⋅
+
⋅
+
⋅
1
1
Z
OUT
V
o
I
LOAD
---------------
R
d
1s
τ
L
+
1s
τ
d
+
------------------
G
LOOP
1G
LOOP
+
----------------------------
⋅⋅
R
OUT
1s
τ
L
+
1s
τ
d
+
------------------
⋅
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com