Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 1 Page - STMicroelectronics

  L6911E Datasheet HTML 1Page - STMicroelectronics L6911E Datasheet HTML 2Page - STMicroelectronics L6911E Datasheet HTML 3Page - STMicroelectronics L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
April 2007
Rev 3
1/34
34
L6911E
5-Bit programmable step down controller
with synchronous rectification
Features
■ Operating supply IC voltage from 5V to 12V
buses
■ Up to 1.3A gate current capability
■ TTL-compatible 5 bit programmable output
compliant with VRM 8.5 :
1.050V to 1.825V with 0.025V binary steps
■ Voltage mode PWM control
■ Excellent output accuracy: ±1% over line and
temperature variations
■ Very fast load transient response: from 0% to
100% Duty Cycle
■ Power good output voltage
■ Overvoltage protection and monitor
■ Overcurrent protection realized using the upper
MOSFET's Rds(ON)
■ 200kHz internal oscillator
■ Oscillator externally adjustable from 50kHz to
1MHz
■ Soft start and inhibit functions
Applications
■ Power supply for advanced
microprocessor core
■ Distributed power supply
Description
The device is a power supply controller
specifically designed to provide a high
performance DC/DC conversion for high current
microprocessors. A precise 5 bit digital to analog
converter (DAC) allows to adjust the output
voltage from 1.050 to 1.825 with 25mV binary
steps.
The high precision internal reference assures the
selected output voltage to be within ±1%. The
high peak current gate drive affords to have fast
switching to the external power mos providing low
switching losses.
The device assures a fast protection against load
overcurrent and load over-voltage. An external
SCR is triggered to crowbar the input supply in
case of hard overvoltage. An internal crowbar is
also provided turning on the low side mosfet as
long as the over-voltage is detected. In case of
over-current detection, the soft start capacitor is
discharged an the system works in HICCUP
mode.
SO-20
www.st.com
Table 1. Device summary
Part Number
Package
Packaging
L6911E
TSSOP8
Tube
L6911ETR
TSSOP8
Tape and reel


Similar Part No. - L6911E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911ETR STMICROELECTRONICS-L6911ETR Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
More results

Similar Description - L6911E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6911C STMICROELECTRONICS-L6911C Datasheet
351Kb / 20P
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Nov-2001
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com