Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7342 Datasheet HTML 2Page - STMicroelectronics TDA7342 Datasheet HTML 3Page - STMicroelectronics TDA7342 Datasheet HTML 4Page - STMicroelectronics TDA7342 Datasheet HTML 5Page - STMicroelectronics TDA7342 Datasheet HTML 6Page - STMicroelectronics TDA7342 Datasheet HTML 7Page - STMicroelectronics TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics TDA7342 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical specifications
TDA7342
6/20
2
Electrical specifications
2.1
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
10.5
V
Tamb
Operating ambient temperature
-40 to 85
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance junction-pins
150
°C/W
Table 3.
Quick reference data
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply voltage
6
9
10.2
V
VCL
Max. input signal handling
2.1
2.6
Vrms
THD
Total harmonic distortion V = 1Vrms f = 1KHz
0.01
0.08
%
S/N
Signal to noise ratio
106
dB
SC
Channel separation
100
dB
Volume control 0.3dB step
-59.7
20
dB
Treble control 2dB step
-14
+14
dB
Bass control 2dB step
-10
+18
dB
Fader and balance control 1.25dB step
-38.75
0
dB
Input gain 3.75dB step
0
11.25
dB
Mute attenuation
100
dB
Table 4.
Electrical characteristics
(VS = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer
to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input selector
RI
Input resistance
70
100
130
K
Ω
VCL
Clipping level
d
≤ 0.3%
2.1
2.6
VRMS
SI
Input separation
80
100
dB
RL
Output load resistance
2
K
Ω
GI MIN
Minimum input gain
-0.75
0
0.75
dB
GI MAX
Maximum input gain
10.25 11.25 12.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com