Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics TDA7342 Datasheet HTML 10Page - STMicroelectronics TDA7342 Datasheet HTML 11Page - STMicroelectronics TDA7342 Datasheet HTML 12Page - STMicroelectronics TDA7342 Datasheet HTML 13Page - STMicroelectronics TDA7342 Datasheet HTML 14Page - STMicroelectronics TDA7342 Datasheet HTML 15Page - STMicroelectronics TDA7342 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Software specification
TDA7342
12/20
4
Software specification
4.1
Interface protocol
The interface protocol comprises:
●
A start condition (s)
●
A chip address byte, (the LSB bit determines read/write transmission)
●
A subaddress byte.
●
A sequence of data (N-bytes + acknowledge)
●
A stop condition (P)
Figure 6.
Interface protocol
ACK = Acknowledge
S = Start
P = Stop
I = Auto Increment
X = Not used
Max clock speed 500kbits/s
4.2
Auto increment
If bit I in the subaddress byte is set to "1", the auto increment of the subaddress is enabled
S
1
0
0
0
1
0
0
R/W
ACK
I
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D05AU1575
XXX
A3 A2 A1 A0
SUBADDRESS
DATA 1 ... DATA n
Table 5.
Subaddress (receive mode)
MSB
LSB
Function
X
X
X
I
A3
A2
A1
A0
0
0
0
0
Input selector
0
0
0
1
Loudness
0
0
1
0
Volume
0
0
1
1
Bass, treble
0
1
0
0
Speaker attenuator LF
0
1
0
1
Speaker attenuator LR
0
1
1
0
Speaker attenuator RF
0
1
1
1
Speaker attenuator RR
1
0
0
0
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com