Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7342 Datasheet HTML 1Page - STMicroelectronics TDA7342 Datasheet HTML 2Page - STMicroelectronics TDA7342 Datasheet HTML 3Page - STMicroelectronics TDA7342 Datasheet HTML 4Page - STMicroelectronics TDA7342 Datasheet HTML 5Page - STMicroelectronics TDA7342 Datasheet HTML 6Page - STMicroelectronics TDA7342 Datasheet HTML 7Page - STMicroelectronics TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
November 2006
Rev 2
1/20
1
TDA7342
Digitally controlled audio processor
Features
■ Input multiplexer
– Two stereo and one mono inputs
– One quasi differential input
– Selectable input gain for optimal adaptation
to different sources
■ Fully programmable loudness function
■ Volume control in 0.3dB steps including gain
up to 20dB
■ Zero crossing mute, soft mute and direct mute
■ Bass and treble control
■ Four speaker attenuators
– Four independent speakers control in
1.25dB steps for balance and fader facilities
– Independent mute function
■ All functions programmable via serial I2C bus
Description
The audioprocessor TDA7342 is an upgrade of
the TDA731X audioprocessor family.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained. Several new features like
softmute, and zero-crossing mute are
implemented. The soft Mute function can be
activated in two ways:
1.
Via serial bus (Mute byte, bit D0)
2.
Directly on pin 21 through an I/O line of the
microcontroller
Very low DC stepping is obtained by use of a
BICMOS technology.
Order codes
LQFP32
Part number
Package
Packing
TDA7342N
LQFP32
Tube
TDA7342NTR
LQFP32
Tape and reel
www.st.com


Similar Part No. - TDA7342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7342EQ2NTR STMICROELECTRONICS-TDA7342EQ2NTR Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
More results

Similar Description - TDA7342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437 STMICROELECTRONICS-TDA7437 Datasheet
181Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Dec-1999
TDA7438 STMICROELECTRONICS-TDA7438 Datasheet
150Kb / 17P
THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com