Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7342 Datasheet HTML 3Page - STMicroelectronics TDA7342 Datasheet HTML 4Page - STMicroelectronics TDA7342 Datasheet HTML 5Page - STMicroelectronics TDA7342 Datasheet HTML 6Page - STMicroelectronics TDA7342 Datasheet HTML 7Page - STMicroelectronics TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics TDA7342 Datasheet HTML 10Page - STMicroelectronics TDA7342 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDA7342
Electrical specifications
7/20
Gstep
Step resolution
2.75
3.75
4.75
dB
e
N
Input noise
20Hz to 20 KHz unweighted
2.3
μV
VDC
DC Steps
Adjacent gain steps
1.5
10
mV
GIINto GIMAX
3
mV
Differential input (IN 3)
RI
Input resistance
Input selector BIT D6 = 0
(0dB)
10
15
20
K
Ω
Input selector BIT D6 = 1(-
6dB)
14
20
30
K
Ω
CMRR
Common mode rejection
ratio
VCM = 1VRMS; f =1KHz
48
75
dB
f = 10KHz
45
70
dB
d
Distortion
VI= 1VRMS
0.01
0.08
%
e
IN
Input noise
20Hz to 20KHz; Flat; D6 = 0
5
μV
GDIFF
Differential gain
D6 = 0
-1
0
1
dB
D6 = 1
-7
-6
-5
dB
Volume control
RI
Input resistance
35
50
K
Ω
GMAX
Maximum gain
18.75
20
21.25
dB
AMAX
Maximum attenuation
57.7
59.7
62.7
dB
ASTEPC
Step resolution coarse
attenuation
0.5
1.25
2.0
dB
ASTEPF
Step resolution fine
attenuation
0.11
0.31
0.51
dB
EA
Attenuation set error
G = 20 to -20dB
-1.25
0
1.25
dB
G = -20 to -58dB
-3
2
dB
Et
Tracking error
2
dB
VDC
DC Steps
Adjacent attenuation Steps
-3
0
3
mV
From 0dB to AMAX
0.5
5
mV
Loudness control
RI
Internal resistor
Loud = On
35
50
65
K
Ω
AMAX
Maximum attenuation
17.5
18.75
20.0
dB
Astep
Step resolution
0.5
1.25
2.0
dB
Zero crossing mute
Table 4.
Electrical characteristics (continued)
(VS = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer
to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com