Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7342 Datasheet HTML 5Page - STMicroelectronics TDA7342 Datasheet HTML 6Page - STMicroelectronics TDA7342 Datasheet HTML 7Page - STMicroelectronics TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics TDA7342 Datasheet HTML 10Page - STMicroelectronics TDA7342 Datasheet HTML 11Page - STMicroelectronics TDA7342 Datasheet HTML 12Page - STMicroelectronics TDA7342 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TDA7342
Electrical specifications
9/20
Audio output
Vclip
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
2
K
Ω
RO
Output Impedance
30
100
Ω
VDC
DC Voltage Level
3.5
3.8
4.1
V
General
VCC
Supply Voltage
6
9
10.2
V
ICC
Supply Current
5
10
15
mA
PSRR
Power Supply Rejection
Ratio
f = 1KHz
60
80
dB
B = 20 to 20kHz "A"
weighted
65
dB
eNO
Output Noise
Output muted (B = 20 to
20kHz flat)
2.5
μV
All gains 0dB (B = 20 to
20kHz flat)
5
15
μV
Et
Total Tracking Error
AV= 0 to -20dB
0
1
dB
AV= -20 to -60dB
0
2
dB
S/N
Signal to Noise Ratio
All Gains = 0dB; VO= 1Vrms
106
dB
SC
Channel Separation
80
100
dB
d
Distortion
VIN =1V
0.01
0.08
%
Bus inputs
VIL
Input Low Voltage
1
V
VlN
Input High Voltage
3
V
IlN
Input Current
VIN = 0.4V
-5
5
μA
VO
Output Voltage SDA
Acknowledge
IO= 1.6mA
0.4
0.8
V
1.
WIN represents the MUTE programming bit pair D6, D5 for the zero crossing window threshold
2.
Internal pull-up resistor to Vs/2; LOW = softmute active
Table 4.
Electrical characteristics (continued)
(VS = 9V; RL = 10KΩ; Rg = 50Ω; Tamb = 25°C; all gains = 0dB; f = 1KHz. Refer
to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com