Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7342 Datasheet HTML 1Page - STMicroelectronics TDA7342 Datasheet HTML 2Page - STMicroelectronics TDA7342 Datasheet HTML 3Page - STMicroelectronics TDA7342 Datasheet HTML 4Page - STMicroelectronics TDA7342 Datasheet HTML 5Page - STMicroelectronics TDA7342 Datasheet HTML 6Page - STMicroelectronics TDA7342 Datasheet HTML 7Page - STMicroelectronics TDA7342 Datasheet HTML 8Page - STMicroelectronics TDA7342 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TDA7342
Block diagram and pin descriptions
5/20
1
Block diagram and pin descriptions
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connections (Top view)
13
12
10
11
L1
L2
L3
L1
L2
L3
M
7
8
5
R1
R2
R3
R1
R2
R3
M
M
CD GND
6
INPUT
SELECTOR
+ GAIN
LEFT
INPUTS
CD
RIGHT
INPUTS
SUPPLY
30
31
29
ZERO
CROSS +
MUTE
SOFT
MUTE
OUT(L)
IN(L)
16
15
LOUD+
VOL
ZERO
CROSS +
MUTE
LOUD+
VOL
BASS
BASS
LOUD(L)
9
TREBLE
TREBLE
10
μF C9
314
CSM
OUT(R)
CREF
IN(R)
2
4
LOUD(R)
BIN(L)
18
17
BOUT(R)
BIN(R)
20
19
1
TREBLE(R)
SPKR
ATT
MUTE
SPKR
ATT
MUTE
SPKR
ATT
MUTE
SPKR
ATT
MUTE
TREBLE(L)
32
23
28
27
26
24
25
22
OUT
LEFT FRONT
OUT
LEFT REAR
SCL
SDA
DIGGND
OUT
RIGHT FRONT
OUT
RIGHT REAR
D94AU104B
BUS
SERIAL BUS DECODER + LATCHES
MONO INPUT
C1
C2
C6
C3
C7
C8
C4
C5
C10
C12
47nF
CSM
47nF
C14
100nF
C15
100nF
4.7K
C16
2.7nF
C19 2.7nF
C18
100nF
C17 100nF
C13 47nF
C11
R2
4.7K
21
SM
VS
R1
1
2
3
5
6
4
7
8
11 12 13 14 15 16
32
30
31
29 28 27 26 25
19
18
17
24
23
22
20
21
IN R2
IN R3
LOUD R
IN R
TR R
OUT R
IN R1
MONO
SM
BIN R
BOUT L
BIN L
OUT RF
OUT LR
BOUT R
OUT RR
D94AU105A
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com