Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7342 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7342
Description  Digitally controlled audio processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7342 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7342 Datasheet HTML 12Page - STMicroelectronics TDA7342 Datasheet HTML 13Page - STMicroelectronics TDA7342 Datasheet HTML 14Page - STMicroelectronics TDA7342 Datasheet HTML 15Page - STMicroelectronics TDA7342 Datasheet HTML 16Page - STMicroelectronics TDA7342 Datasheet HTML 17Page - STMicroelectronics TDA7342 Datasheet HTML 18Page - STMicroelectronics TDA7342 Datasheet HTML 19Page - STMicroelectronics TDA7342 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TDA7342
Software specification
17/20
For example to select -47.81dB Volume the Data Byte is: 1 1 0 1 1 0 0 1
Power on RESET: All Bytes Set to 1 1 1 1 1 1 1 0
NB.
Purchase of I2C Components of STMicrolectronics, conveys a
license under the Philips I2C Patent Rights to use these
components in an I2C system, provided that the system conforms
to the I2C Standard Specifications as defined by Philips.
Table 12.
Volume
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0.31db fine attenuation steps
0
0
0db
0
1
-0.31db
1
0
-0.62db
1
1
-0.94db
1.25db coarse attenuation steps
0
0
0
0db
0
0
1
-1.25db
0
1
0
-2.5db
0
1
1
-3.75db
1
0
0
-5db
1
0
1
-6.25db
1
1
0
-7.5db
1
1
1
-8.75db
10db gain / attenuation steps
0
0
0
20db
0
0
1
10db
0
1
0
0db
0
1
1
-10db
1
0
0
-20db
1
0
1
-30db
1
1
0
-40db
1
1
1
-50db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com