Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 7Page - STMicroelectronics TDA7407_07 Datasheet HTML 8Page - STMicroelectronics TDA7407_07 Datasheet HTML 9Page - STMicroelectronics TDA7407_07 Datasheet HTML 10Page - STMicroelectronics TDA7407_07 Datasheet HTML 11Page - STMicroelectronics TDA7407_07 Datasheet HTML 12Page - STMicroelectronics TDA7407_07 Datasheet HTML 13Page - STMicroelectronics TDA7407_07 Datasheet HTML 14Page - STMicroelectronics TDA7407_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TDA7407
Audio processor part
11/46
2.1.7
Mute functions
●
Direct mute
●
Digitally controlled softmute with 4 programmable mute time.
2.2
Electrical characteristics
.
Table 5.
Audio processor electrical characteristics
(VS = 9V; Tamb = 25°C; RL = 10KΩ; all gains = 0dB; f = 1KHz; unless otherwise
specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input selector
Rin
Input resistance
all inputs except phone
70
100
130
K
Ω
VCL
Clipping level
2.2
2.6
VRMS
SIN
Input separation
80
100
dB
GIN MIN Min. input gain
-1
0
1
dB
GIN MAX Max. input gain
13
15
17
dB
GSTEP
Step resolution
0.5
1
1.5
dB
VDC
DC steps
Adjacent gain step
-5
0.5
5
mV
GMIN to GMAX
-10
5
10
mV
Differential CD stereo input
Rin
Input resistance
Differential
70
100
130
K
Ω
Common mode
70
100
130
K
Ω
CMRR
Common mode rejection
ratio
VCM = 1VRMS @ 1KHz
45
70
dB
VCM = 1VRMS @ 10KHz
45
60
dB
eN
Output noise @ speaker
outputs
20Hz to 20KHz flat; all stages
0dB
615
mV
Differential phone input
Rin
Input resistance
Differential
40
56
K
Ω
CMRR
Common mode rejection
ratio
VCM = 1VRMS @ 1KHz
40
70
dB
VCM = 1VRMS @ 10KHz
40
60
dB
Volume control
GMAX
Max gain
13
15
17
dB
AMAX
Max attenuation
70
79
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation set error
G = -20 to 20dB
-1.25
0
1.25
dB
G = -60 to 20dB
-4
0
3
dB
ET
Tracking error
2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com