Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 10Page - STMicroelectronics TDA7407_07 Datasheet HTML 11Page - STMicroelectronics TDA7407_07 Datasheet HTML 12Page - STMicroelectronics TDA7407_07 Datasheet HTML 13Page - STMicroelectronics TDA7407_07 Datasheet HTML 14Page - STMicroelectronics TDA7407_07 Datasheet HTML 15Page - STMicroelectronics TDA7407_07 Datasheet HTML 16Page - STMicroelectronics TDA7407_07 Datasheet HTML 17Page - STMicroelectronics TDA7407_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Stereo decoder part
TDA7407
14/46
3
Stereo decoder part
Table 6.
Stereo decoder electrical characteristics
(VS = 9V; de-emphasis time constant = 50μs,VMPX = 500mV (75KHz deviation),
fm= 1KHz, Gv = 6dB. Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vin
MPX input level
Gv = 3.5dB
0.5
1.25
VRMS
Rin
Input resistance
70
100
130
K
Ω
GMIN
Min. input gain
1.5
3.5
4.5
dB
GMAX
Max. input gain
8.5
11
12.5
dB
GSTEP
Step resolution
1.75
2.5
3.25
dB
SVRR
Supply voltage ripple
rejection
Vripple = 100mV; f = 1KHz
35
60
dB
α
Max. channel separation
30
50
dB
THD
Total harmonic distortion
0.02
0.3
%
Signal plus noise to noise
ratio
A-weighted, S = 2VRMS
80
91
dB
Mono / stereo switch
VPTHST1 Pilot threshold voltage
for Stereo, PTH = 1
10
15
25
mV
VPTHST0 Pilot threshold voltage
for Stereo, PTH = 0
15
25
35
mV
VPTHMO1 Pilot threshold voltage
for Mono, PTH = 1
7
12
17
mV
VPTHMO0 Pilot threshold voltage
for Mono, PTH = 1
10
19
25
mV
PLL
Δf/f
Capture range
0.5
%
De-emphasis and highcut
tHC50
De-emphasis time constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCH
25
50
75
μs
tHC75
De-emphasis time constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCH
50
75
100
μs
tHC50
Highcut time constant
Bit 7, Subadr, 10 = 0,
VLEVEL >> VHCL
100
150
200
μs
tHC75
Highcut time constant
Bit 7, Subadr, 10 = 1,
VLEVEL >> VHCL
150
225
300
μs
Stereo blend and highcut control
REF5V
Internal reference voltage
4.7
5
5.3
V
TCREF5V Temperature coefficient
3300
ppm
LGmin
Min. LEVEL gain
-1
0
1
dB
LGmax
Max. LEVEL gain
8
10
12
dB
SN
+
N
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com