Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 36Page - STMicroelectronics TDA7407_07 Datasheet HTML 37Page - STMicroelectronics TDA7407_07 Datasheet HTML 38Page - STMicroelectronics TDA7407_07 Datasheet HTML 39Page - STMicroelectronics TDA7407_07 Datasheet HTML 40Page - STMicroelectronics TDA7407_07 Datasheet HTML 41Page - STMicroelectronics TDA7407_07 Datasheet HTML 42Page - STMicroelectronics TDA7407_07 Datasheet HTML 43Page - STMicroelectronics TDA7407_07 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Data byte specification
TDA7407
40/46
Table 21.
Field strength Control (subaddress CH)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
VSBL at 29% REF 5V
VSBL at 33% REF 5V
VSBL at 38% REF 5V
VSBL at 42% REF 5V
VSBL at 46% REF 5V
VSBL at 50% REF 5V
VSBL at 54% REF 5V
VSBL at 58% REF 5V
0
0
1
1
0
1
0
1
Noiseblanker Field strength Adj 2.3V
Noiseblanker Field strength Adj 1.8V
Noiseblanker Field strength Adj 1.3V
Noiseblanker Field strength Adj OFF
0
0
1
1
0
1
0
1
Quality Detector Coefficient a = 0.7
Quality Detector Coefficient a = 0.85
Quality Detector Coefficient a = 1.0
Quality Detector Coefficient a = 1.15
0
1
Multipath off influence on PEAK discharge
-1V/ms (at MPout = 2.5V
Table 22.
Configuration (subaddress DH)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Noise Rectifier Discharge Resistor
R = infinite
R = 56k
Ω
R = 33k
Ω
R =18k
Ω
0
1
0
1
0
0
1
1
Multipath Detector Bandpass Gain
6dB
12dB
16dB
18dB
0
1
Multipath Detector internal influence
ON
OFF
0
1
Multipath Detector Charge Current 0.5
μA
Multipath Detector Charge Current 1
μA
0
0
1
1
0
1
0
1
Multipath Detector Reflection Gain
Gain = 7.6dB
Gain = 4.6dB
Gain = 0dB
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com