Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 9Page - STMicroelectronics TDA7407_07 Datasheet HTML 10Page - STMicroelectronics TDA7407_07 Datasheet HTML 11Page - STMicroelectronics TDA7407_07 Datasheet HTML 12Page - STMicroelectronics TDA7407_07 Datasheet HTML 13Page - STMicroelectronics TDA7407_07 Datasheet HTML 14Page - STMicroelectronics TDA7407_07 Datasheet HTML 15Page - STMicroelectronics TDA7407_07 Datasheet HTML 16Page - STMicroelectronics TDA7407_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
TDA7407
Audio processor part
13/46
QMID
Quality factor
Q1
0.911.1
Q2
1.822.2
Treble control
CRANGE Control range
±13
±15
±17
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fC
Center frequency
fC1
810
12
KHz
fC2
10
12.5
15
KHz
fC3
12
15
18
KHz
fC4
14
17.5
21
KHz
1.
The SM pin is active low (mute = 0)
2.
See note in programming section
Table 5.
Audio processor electrical characteristics (continued)
(VS = 9V; Tamb = 25°C; RL = 10KΩ; all gains = 0dB; f = 1KHz; unless otherwise
specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com