Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 16Page - STMicroelectronics TDA7407_07 Datasheet HTML 17Page - STMicroelectronics TDA7407_07 Datasheet HTML 18Page - STMicroelectronics TDA7407_07 Datasheet HTML 19Page - STMicroelectronics TDA7407_07 Datasheet HTML 20Page - STMicroelectronics TDA7407_07 Datasheet HTML 21Page - STMicroelectronics TDA7407_07 Datasheet HTML 22Page - STMicroelectronics TDA7407_07 Datasheet HTML 23Page - STMicroelectronics TDA7407_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Multipath detector
TDA7407
20/46
5
Multipath detector
●
Internal 19kHz band pass filter
●
Programmable band pass and rectifier gain
●
two pin solution fully independent usable for external programming
●
selectable internal influence on Stereoblend
Table 8.
Multipath electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
fCMP
Center frequency of
multipath-bandpass
stereo decoder locked on pilot tone
19
KHz
GBPMP
Bandpass gain
bits D2, D1 configuration byte = 00
6
dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP Rectifier gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0
dB
bits D7, D6 configuration byte = 11
off
dB
ICHMP
Rectifier charge current
bit D5 configuration byte = 0
0.5
μA
bit D5 configuration byte = 1
1.0
μA
IDISMP
Rectifier discharge current
0.5
1
1.5
mA
Table 9.
Quality detector
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
A
Multipath Influence factor
Addr. 12 / Bit 5+6
00
01
10
11
0.7
0.85
1.00
1.15
dB
dB
dB
dB
B
Noise influence factor
Addr. 16 / Bit 1+2
00
01
10
11
15
12
9
6
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com