Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 14Page - STMicroelectronics TDA7407_07 Datasheet HTML 15Page - STMicroelectronics TDA7407_07 Datasheet HTML 16Page - STMicroelectronics TDA7407_07 Datasheet HTML 17Page - STMicroelectronics TDA7407_07 Datasheet HTML 18Page - STMicroelectronics TDA7407_07 Datasheet HTML 19Page - STMicroelectronics TDA7407_07 Datasheet HTML 20Page - STMicroelectronics TDA7407_07 Datasheet HTML 21Page - STMicroelectronics TDA7407_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Noise blanker part
TDA7407
18/46
Figure 3.
Vn timing diagram
TS
Suppression pulse
duration (6)
Signal HOLDN in
testmode
BLT = 00
TBD
38
TBD
μs
BLT = 10
TBD
32
TBD
μs
BLT = 01
TBD
25.5
TBD
μs
BLT = 00
TBD
22
TBD
μs
VRECTADJ
Noise rectifier
discharge adjustment
(7)
Signal PEAK in
testmode
NRD = 00 (5)
(10)
0.3
(10)
V/ms
NRD = 01 (5)
(10)
0.8
(10)
V/ms
NRD = 10 (5)
(10)
1.3
(10)
V/ms
NRD = 11 (5)
(10)
2.0
(10)
V/ms
SRPEAK Noise rectifier charge
Signal PEAK in
testmode
PCH = 0 (8)
(10)
10
(10)
mV/
μs
PCH = 1 (8)
(10)
20
(10)
mV/
μs
VADJMP
Noise rectifier
adjustment through
multipath (9)
Signal PEAK in
testmode
MPNB = 00 (9)
(10)
0.3
(10)
V/ms
MPNB = 01 (9)
(10)
0.5
(10)
V/ms
MPNB = 10 (9)
(10)
0.7
(10)
V/ms
MPNB = 11 (9)
(10)
0.9
(10)
V/ms
1.
All Thresholds are measured using a pulse with TR =2ms, THIGH = 2ms and TF = 10ms. The repetition
rate must not increase the PEAK voltage
2.
NBT represents the Noiseblanker Byte bits D2, D0 for the noise blanker trigger threshold
3.
NAT represents the Noiseblanker Byte bit pair D4, D3 for the noise controlled triggeradjustment
4.
OVD represents the Noiseblanker Byte bit pair D7, D6 for the over deviation detector
5.
FSC represents the Fieldstrength Byte bit pair D1, D0 for the fieldstrength control
6.
BLT represents the Speaker RR Byte bit pair D7, D6 for the blanktime adjustment
7.
NRD represents the Configuration Byte bit pair D1, D0 for the noise rectifier discharge adjustment
8.
PCH represents the Stereo decoder Byte bit D5 for the noise rectifier charge current adjustment
9.
MPNB represents the HighCut Byte bit D7 and the Fieldstrength Byte D7 for the noise rectifier multipath
adjustment
10. By design / characterization functionally guaranteed through dedicated test mode structure
Table 7.
Noise blanker electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOP
VIN
DC
TR
THIGH
TF
Time
D97AU636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com