Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7407_07 Datasheet HTML 26Page - STMicroelectronics TDA7407_07 Datasheet HTML 27Page - STMicroelectronics TDA7407_07 Datasheet HTML 28Page - STMicroelectronics TDA7407_07 Datasheet HTML 29Page - STMicroelectronics TDA7407_07 Datasheet HTML 30Page - STMicroelectronics TDA7407_07 Datasheet HTML 31Page - STMicroelectronics TDA7407_07 Datasheet HTML 32Page - STMicroelectronics TDA7407_07 Datasheet HTML 33Page - STMicroelectronics TDA7407_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Multipath detector
TDA7407
30/46
The block diagram of the noiseblanker is given in Figure 23.
In the first stage the spikes must be detected but to avoid wrong triggering on high
frequency (white) noise, a complex trigger control is implemented. Behind the trigger stage
a pulse former generates the "blanking" pulse. To avoid any crosstalk to the signal path the
noiseblanker is supplied by his own biasing circuit.
5.2.11
Trigger path
The incoming MPX signal is highpass filtered, amplified and rectified. This second order
highpass filter has a corner frequency of 140kHz.
The rectified signal, RECT, is lowpass filtered to generate a signal called PEAK. Also noise
with a frequency 140kHz increases the PEAK voltage. The resulting voltage can be adjusted
by use of the noise rectifier discharge current.
The PEAK voltage is fed to a threshold generator, which adds to the PEAK voltage a DC
dependent threshold VTH. Both signals, RECT and PEAK+VTH are fed to a comparator
which triggers a re-triggerable monoflop. The monoflop's output activates the sample and
hold circuits in the signal path for selected duration.
Figure 23.
Block Diagram of the Noiseblanker
5.2.12
Automatic noise controlled threshold adjustment (ATC)
There are mainly two independent possibilities for programming the trigger threshold:
a)
the low threshold in 8 steps (bits D0 to D2 of the noiseblanker byte)
b)
the noise adjusted threshold in 4 steps (bits D3 and D4 of the noiseblanker byte,
see Figure 23).
The low threshold is active in combination with a good MPX signal without any noise; the
PEAK voltage is less than 1V. The sensitivity in this operation is high.
If the MPX signal is noisy the PEAK voltage increases due to the higher noise, which is also
rectified. With increasing of the PEAK voltage the trigger threshold increases, too. This
particular gain is programmable in 4 steps.
+
-
RECTIFIER
LOWPASS
RECT
+
+
THRESHOLD
GENERATOR
VTH
PEAK
ADDITIONAL
THRESHOLD
CONTROL
MONOFLOP
HOLDN
MPX
D98AU856
MPX
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com