Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 7Page - STMicroelectronics PM6675STR Datasheet HTML 8Page - STMicroelectronics PM6675STR Datasheet HTML 9Page - STMicroelectronics PM6675STR Datasheet HTML 10Page - STMicroelectronics PM6675STR Datasheet HTML 11Page - STMicroelectronics PM6675STR Datasheet HTML 12Page - STMicroelectronics PM6675STR Datasheet HTML 13Page - STMicroelectronics PM6675STR Datasheet HTML 14Page - STMicroelectronics PM6675STR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
PM6675S
Electrical characteristics
11/53
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Soft-end section
Switching section discharge
resistance
15
25
35
Ω
LDO section discharge
resistance
15
25
35
LDO section
VLREF
LDO reference voltage
600
mV
LDO output accuracy respect
to VREF
-1 mA < ILDO < 1 mA
-20
20
-1 A < ILDO < 1 A
-25
25
ILDO,CL
LDO sink current limit
VLFB > VLREF , LILIM = 5 V
-3
-2.3
-2
A
VLFB > VLREF, LILIM = 0 V
-1.6
-1.3
-1
LDO source current limit
0.9
• V
LREF < VLFB < VLREF,
LILIM = 5V
22.4
3
0.9
• V
LREF < VLFB < VLREF,
LILIM = 0V
11.3
1.6
VLFB < 0.9 • VLREF, LILIM = 5 V
1
1.3
1.6
VLFB < 0.9 • VLREF, LILIM = 0 V
0.5
0.8
1.1
ILIN,BIAS
LDO input bias current, ON
LEN connected to AVCC, no
load
110
µA
LDO input bias current, OFF
LEN = 0 V, no load
1
ILFB,BIAS
LFB input bias current
LEN connected to AVCC
VLFB = 0.6 V
-1
1
ILFB,LEAK
LFB leakage current
LEN = 0 V, VLFB = 0.6 V
-1
1
Table 6.
Electrical characteristics (continued)
TA = 0 °C to 85 °C, VCC = AVCC = +5 V, LIN = 1.5 V and LOUT = 0.6 V, if not otherwise
specified (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com