Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 24Page - STMicroelectronics PM6675STR Datasheet HTML 25Page - STMicroelectronics PM6675STR Datasheet HTML 26Page - STMicroelectronics PM6675STR Datasheet HTML 27Page - STMicroelectronics PM6675STR Datasheet HTML 28Page - STMicroelectronics PM6675STR Datasheet HTML 29Page - STMicroelectronics PM6675STR Datasheet HTML 30Page - STMicroelectronics PM6675STR Datasheet HTML 31Page - STMicroelectronics PM6675STR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Device description
PM6675S
28/53
7.1.3
Pulse-skip and no-audible pulse-skip modes
High efficiency at light load conditions is achieved by PM6675S by entering the Pulse-Skip
Mode (if enabled). At light load conditions the zero-crossing comparator truncates the low-
side switch On-Time as soon as the inductor current becomes negative; in this way the
comparator determines the On-Time duration instead of the output ripple.
(see Figure 37).
Figure 37.
Inductor current and output voltage at light load with Pulse-Skip
As a consequence, the output capacitor is left floating and its discharge depends solely on
the current drained from the load. When the output ripple on the pin COMP falls under the
reference, a new shot is triggered and the next cycle begins. The Pulse-Skip mode is
naturally obtained enabling the zero-crossing comparator and automatically takes part in the
COT algorithm when the inductor current is about half the ripple current amount, i.e.
migrating from continuous conduction mode (C.C.M.) to discontinuous conduction mode
(D.C.M.).
The output current threshold related to the transition between PWM Mode and Pulse-Skip
Mode can be approximately calculated as:
Equation 19
At higher loads, the inductor current never crosses the zero and the device works in pure
PWM mode with a switching frequency around the nominal value.
A physiological consequence of Pulse-Skip Mode is a more noisy and asynchronous (than
normal conditions) output, mainly due to very low load. If the Pulse-Skip is not compatible
with the application, the PM6675S allows the user to choose between forced-PWM and No-
Audible Pulse-Skip alternative modes (see Section 7.1.4: Mode-of-operation selection on
page 30
for details).
Output
voltage
Inductor
current
Vreg
TON TOFF
TIDLE
t
ON
OUT
IN
LOAD
T
L
2
V
V
)
Skip
2
PWM
(
I
⋅
⋅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com