Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 48 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 44Page - STMicroelectronics PM6675STR Datasheet HTML 45Page - STMicroelectronics PM6675STR Datasheet HTML 46Page - STMicroelectronics PM6675STR Datasheet HTML 47Page - STMicroelectronics PM6675STR Datasheet HTML 48Page - STMicroelectronics PM6675STR Datasheet HTML 49Page - STMicroelectronics PM6675STR Datasheet HTML 50Page - STMicroelectronics PM6675STR Datasheet HTML 51Page - STMicroelectronics PM6675STR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Application information
PM6675S
48/53
Equation 51
In order to reduce noise on the COMP pin, it's possible to introduce a resistor RINT that,
together with CINT and Cfilt, becomes a low pass filter. The cutoff frequency fCUT must be
much greater (10 or more times) than the switching frequency:
Equation 52
For most applications both RINT and Cfilt are unnecessary.
If the ripple is very small (e.g. such as with ceramic capacitors), a further compensation
network, called "Virtual ESR" network, is needed. This additional part generates a triangular
ripple that substitutes the ESR output voltage ripple. The complete compensation scheme is
represented in Figure 50.
Figure 50.
Virtual ESR network
Select C as shown:
Equation 53
q
)
q
1
(
C
C
INT
filt
−
⋅
=
FILT
INT
FILT
INT
CUT
INT
C
C
C
C
f
2
1
R
+
⋅
⋅
π
=
Vr
CFILT
CINT
RINT
PWM Comparator
gm
+
-
+
-
1.237V
VOUT
Ton
Generation
Block
C
R
R1
L
Integrator
VREF
0.6V
INT
C
5
C
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com