Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 8Page - STMicroelectronics PM6675STR Datasheet HTML 9Page - STMicroelectronics PM6675STR Datasheet HTML 10Page - STMicroelectronics PM6675STR Datasheet HTML 11Page - STMicroelectronics PM6675STR Datasheet HTML 12Page - STMicroelectronics PM6675STR Datasheet HTML 13Page - STMicroelectronics PM6675STR Datasheet HTML 14Page - STMicroelectronics PM6675STR Datasheet HTML 15Page - STMicroelectronics PM6675STR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Electrical characteristics
PM6675S
12/53
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Power management section
VVTHVSEL
VSEL pin thresholds
Fixed mode
VAVCC
-0.7
V
Adjustable mode
VAVCC
-1.3
VVTHNOSKIP NOSKIP pin thresholds
Forced-PWM mode
VAVCC
-0.8
No-audible mode
1.0
VAVCC
-1.5
Pulse-skip mode
0.5
VVTHLEN,
VVTHSWEN
LEN, SWEN turn off level
0.4
LEN, SWEN turn on level
1.6
VVTHLILIM
LILIM pin thresholds
±2 A LDO current limit
VAVCC
-0.8
±1 A LDO current limit
0.5
IIN,LEAK
Logic input leakage current
LEN, SWEN and LILIM = 5 V
10
µA
IIN3,LEAK
Multilevel input leakage
current
VSEL and NOSKIP = 5 V
10
IOSC,LEAK
VOSC pin leakage current
VOSC = 1 V
1
Thermal shutdown
TSHDN
Shutdown temperature (2)
150
°C
1.
TA = TJ. All parameters at operating temperature extremes are guaranteed by design and statistical analysis
(not production tested)
2.
Guaranteed by design. Not production tested.
Table 6.
Electrical characteristics (continued)
TA = 0 °C to 85 °C, VCC = AVCC = +5 V, LIN = 1.5 V and LOUT = 0.6 V, if not otherwise
specified (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com