Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 37 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 33Page - STMicroelectronics PM6675STR Datasheet HTML 34Page - STMicroelectronics PM6675STR Datasheet HTML 35Page - STMicroelectronics PM6675STR Datasheet HTML 36Page - STMicroelectronics PM6675STR Datasheet HTML 37Page - STMicroelectronics PM6675STR Datasheet HTML 38Page - STMicroelectronics PM6675STR Datasheet HTML 39Page - STMicroelectronics PM6675STR Datasheet HTML 40Page - STMicroelectronics PM6675STR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
PM6675S
Device description
37/53
Figure 46.
Maximum LDO source able output current vs input voltage
7.2.2
LDO section soft-start
The LDO section soft-start is performed by clamping the current limit. During startup, the
LDO current limit voltage is set to 1A and the output voltage increases linearly. When the
output voltage rises above 90 % of the nominal value, the current limit is released to 2 A
according to the LILIM pin setting. At the end of the ramp-up phase of the soft-start, the LPG
signal is masked for about 100
µs in order to ignore dynamic overshoot on the feedback pin.
7.2.3
LDO section power good signal
The LPG pin is an open drain output used to monitor the LDO output voltage through LFB
pin.
The LPG signal is held low if the output voltage drops 10 % below or rises 10 % above the
nominal regulated value. The LPG output can sink current up to 4 mA.
7.2.4
LDO section output discharge
Active soft-end of the LDO output occurs when the LEN (Linear ENable) is forced low. When
the LDO section is turned off, an internal 25
Ω resistor, directly connected to the LOUT pin,
discharges the output.
Figure 47.
LDO section soft-end
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VLIN [V]
VOUT=1.05V
VOUT=1.2V
VOUT=1.5V
VOUT=1.8V
VOUT=2.0V
VOUT=2.2V
VOUT=2.5V
VOUT=3.3V
LEN
VLDO
Resistive Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com