Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 23Page - STMicroelectronics PM6675STR Datasheet HTML 24Page - STMicroelectronics PM6675STR Datasheet HTML 25Page - STMicroelectronics PM6675STR Datasheet HTML 26Page - STMicroelectronics PM6675STR Datasheet HTML 27Page - STMicroelectronics PM6675STR Datasheet HTML 28Page - STMicroelectronics PM6675STR Datasheet HTML 29Page - STMicroelectronics PM6675STR Datasheet HTML 30Page - STMicroelectronics PM6675STR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
PM6675S
Device description
27/53
Equation 13
Moreover, the CINT capacitor must meet the following condition:
Equation 14
where RTOT is the sum of the ESR of the output capacitor and the equivalent ESR given by
the Virtual-ESR Network (RVESR). The k parameter must be greater than unity (k > 3) and
determines the minimum integrator capacitor value CINT:
Equation 15
The capacitor of the Virtual-ESR Network, C, is chosen as follow
Equation 16
and R is calculated to provide the desired triangular ripple voltage:
Equation 17
Finally the R1 resistor is calculated according to Equation 18:
Equation 18
RTOT = ESR + RVESR
TOT
out
Z
SW
R
C
2
k
f
k
f
⋅
⋅
π
=
⋅
>
Vout
Vr
f
k
f
2
g
C
Z
SW
m
INT
⋅
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
π
>
INT
C
5
C
⋅
>
C
R
L
R
VESR ⋅
=
C
f
1
R
C
f
1
R
1
R
Z
Z
⋅
⋅
π
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com