Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675STR Datasheet(PDF) 44 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 40Page - STMicroelectronics PM6675STR Datasheet HTML 41Page - STMicroelectronics PM6675STR Datasheet HTML 42Page - STMicroelectronics PM6675STR Datasheet HTML 43Page - STMicroelectronics PM6675STR Datasheet HTML 44Page - STMicroelectronics PM6675STR Datasheet HTML 45Page - STMicroelectronics PM6675STR Datasheet HTML 46Page - STMicroelectronics PM6675STR Datasheet HTML 47Page - STMicroelectronics PM6675STR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Application information
PM6675S
44/53
where RDS(on) is the drain-source on-resistance of the control MOSFET.
Switching losses are approximately given by:
Equation 42
where tON and tOFF are the turn-on and turn-off times of the MOSFET and depend on the
gate-driver current capability and the gate charge Qgate. A greater efficiency is achieved with
low RDSon. Unfortunately low RDSon MOSFETs have a great gate charge.
As general rule, the RDS(on) x Qgate product should be minimized to find the suitable
MOSFET.
Logic-level MOSFETs are recommended, as long as low-side and high-side gate drivers are
powered by VVCC = +5 V. The breakdown voltage of the MOSFETs (VBRDSS) must be
greater than the maximum input voltage VINmax.
Below some tested high-side MOSFETs are listed.
In buck converters the power dissipation of the synchronous MOSFET is mainly due to
conduction losses:
Equation 43
Maximum conduction losses occur at the maximum input voltage:
Equation 44
The synchronous rectifier should have the lowest RDS(on) as possible. When the high-side
MOSFET turns on, high dV/dt of the phase node can bring up even the low-side gate
through its gate-drain capacitance CRRS, causing a cross-conduction problem. Once again,
the choice of the low-side MOSFET is a trade-off between on resistance and gate charge; a
good selection should minimizes the ratio CRSS / CGS where
Equation 45
Below some tested low-side MOSFETs are listed.
Table 14.
Evaluated high-side MOSFETs
Manufacturer
Type
RDS(on)
(m
Ω)
Gate charge
(nC)
Rated reverse
voltage (V)
ST
STS12NH3LL
10.5
12
30
IR
IRF7811
9
18
30
2
f
t
)
2
I
(max)
I
(
V
2
f
t
)
2
I
(max)
I
(
V
P
sw
off
L
LOAD
IN
sw
on
L
LOAD
IN
switching
⋅
⋅
∆
+
⋅
+
⋅
⋅
∆
−
⋅
=
conduction
DLowSide
P
P
≅
2
MAX
,
LOAD
MAX
,
IN
OUT
DSon
conduction
I
V
V
1
R
P
⋅
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
=
RSS
ISS
GS
C
C
C
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com