Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 4Page - STMicroelectronics STE2002 Datasheet HTML 5Page - STMicroelectronics STE2002 Datasheet HTML 6Page - STMicroelectronics STE2002 Datasheet HTML 7Page - STMicroelectronics STE2002 Datasheet HTML 8Page - STMicroelectronics STE2002 Datasheet HTML 9Page - STMicroelectronics STE2002 Datasheet HTML 10Page - STMicroelectronics STE2002 Datasheet HTML 11Page - STMicroelectronics STE2002 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Circuit description
STE2002
8/61
2
Circuit description
2.1
Supplies voltages and grounds
VDD2 is supply voltages to the internal voltage generator (see below). If the internal voltage
generator is not used, this should be connected to VDD1 pad. VDD1 supplies the rest of the
IC. VDD1 supply voltage could be different form VDD2.
2.2
Internal supply voltage generator
The IC has a fully integrated (no external capacitors required) charge pump for the Liquid
Crystal Display supply voltage generation. The multiplying factor can be programmed to be:
Auto, X6, X5, X4, X3, X2, using the ’set CP Multiplication’ Command. If Auto is set, the
multiplying factor is automatically selected to have the lowest current consumption in every
condition. This make possible to have an input voltage that changes over time and a
constant VLCD voltage. The output voltage (VLCDOUT) is tightly controlled through the
VLCDSENSE pad. For this voltage, eight different temperature coefficients (TC, rate of change
with temperature) can be programmed using the bits TC1 and TC0 and T2,T1 & T0. This will
ensure no contrast degradation over the LCD operating range. Using the internal charge
pump, the VLCDIN and VLCDOUT pads must be connected together. An external supply could
be connected to VLCDIN to supply the LCD without using the internal generator. In such
event the VLDCOUT and VLCDSENSE must be connected to GND and the internal voltage
generator must be programmed to zero (PRS = [0;0], Vop = 0 - Reset condition).
2.3
Oscillator
A fully integrated oscillator (requires no external components) is present to provide the clock
for the Display System. When used the OSC pad must be connected to VDD1 pad. An
external oscillator could be used and fed into the OSC pin. An oscillator out is provided on
the OSCOUT Pad to cascade two or more drivers
2.4
Bias levels
To properly drive the LCD, six (Including VLCD and VSS) different voltage (Bias) levels are
generated. The ratios among these levels and VLCD, should be selected according to the
MUX ratio (m). They are established to be (Fig. 4):
V
LCD
n3
+
n4
+
------------- V
LCD,
n2
+
n4
+
------------- V
LCD,
2
n4
+
------------- V
LCD,
1
n4
+
------------- V
LCD,VSS
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com