Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 4 Page - STMicroelectronics

  STE2002 Datasheet HTML 1Page - STMicroelectronics STE2002 Datasheet HTML 2Page - STMicroelectronics STE2002 Datasheet HTML 3Page - STMicroelectronics STE2002 Datasheet HTML 4Page - STMicroelectronics STE2002 Datasheet HTML 5Page - STMicroelectronics STE2002 Datasheet HTML 6Page - STMicroelectronics STE2002 Datasheet HTML 7Page - STMicroelectronics STE2002 Datasheet HTML 8Page - STMicroelectronics STE2002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Pin description
STE2002
4/61
1
Pin description
Table 1.
Pin description
N°
Pad
Type
Function
R0 to R80
129-169
282-322
O
LCD Row Driver Output
ICON
323
O
ICON Row Driver
C0 to C127
1-128
O
LCD Column Driver Output
VSS
236-255
GND
Ground pads.
VDD1
188-199
Supply IC Positive Power Supply
VDD2
200-211
Supply Internal Generator Supply Voltages.
VLCDIN
261-270
Supply LCD Supply Voltages for the Column and Row Output Drivers.
VLCDOUT
273-282
Supply Voltage Multiplier Output
VLCDSENSE
271-272
Supply
Voltage Multiplier Regulation Input. VLCDOUT Sensing for Output Voltage Fine
Tuning
VSSAUX
180, 231,
218
O
Ground Reference for Selection Pins Configuration
SEL1,2
184,185
I
Interface Mode Selection
EXT
183
I
Extended Instruction Set Selection
ICON_MOD
E
186
I
ICON ROW Management
SDA_IN
234
I
I2C Bus Data In
SDA_OUT
232
O
I2C Bus Data Out
SCL
235
I
I2C bus Clock
SA0
182
I
I2C Slave Address BIT 0
SA1
181
I
I2C Slave Address BIT 1
OSCIN
187
I
External Oscillator Input
OSCOUT
260
O
Internal/External Oscillator Out
RES
230
I
Reset Input. Active Low.
DB0 to DB7
220-227
I/O
Parallel Interface 8 Bit Data Bus
Ext pad config
Instruction set selected
VSS or VSSAUX
BASIC
VDD1
EXTENDED
Icon mode pad config
Icon mode status
VSS or VSSAUX
DISABLED
VDD1
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com