Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 33Page - STMicroelectronics STE2002 Datasheet HTML 34Page - STMicroelectronics STE2002 Datasheet HTML 35Page - STMicroelectronics STE2002 Datasheet HTML 36Page - STMicroelectronics STE2002 Datasheet HTML 37Page - STMicroelectronics STE2002 Datasheet HTML 38Page - STMicroelectronics STE2002 Datasheet HTML 39Page - STMicroelectronics STE2002 Datasheet HTML 40Page - STMicroelectronics STE2002 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
STE2002
Bus interfaces
37/61
Figure 37.
Host processor interconnection with parallel interface
Figure 38.
application schematic using an external lcd Voltage Generator
Figure 39.
Application schematic using the internal LCD voltage generator and two
separate supplies
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
STE2002
µP
VDD1
SA1
SCL
SDAIN
SDAOUT
VDD2
SEL1
SEL2
VSSAUX
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
EXT_SET
SA0
RES
OSCIN
VSSAUX
R/W
SDOUT
ICON_MODE
VSSAUX
TEST_4
TEST_5
TEST_3
TEST_10
TEST_8
TEST_9
TEST_7
TEST_2
TEST_1
GND / VSSAUX
VDD1
VDD1
VDD
VDD2
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
VLCD
81x 128
DISPLAY
40
128
100nF
1
µF
41
VDD2
VDD1
VDD2
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
81x 128
DISPLAY
40
128
41
100nF
100nF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com