Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2002 Datasheet HTML 1Page - STMicroelectronics STE2002 Datasheet HTML 2Page - STMicroelectronics STE2002 Datasheet HTML 3Page - STMicroelectronics STE2002 Datasheet HTML 4Page - STMicroelectronics STE2002 Datasheet HTML 5Page - STMicroelectronics STE2002 Datasheet HTML 6Page - STMicroelectronics STE2002 Datasheet HTML 7Page - STMicroelectronics STE2002 Datasheet HTML 8Page - STMicroelectronics STE2002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
December 2006
Rev 3
1/61
61
STE2002
81 x 128 single-chip LCD controller/driver
Features
■ 104 x 128 bits Display Data RAM
■ Programmable MUX rate
■ Programmable frame rate
■ X,Y Programmable carriage return
■ Dual partial display mode
■ Row by Row Scrolling
■ Automatic data RAM Blanking procedure
■ Selectable Input interface:
–I2C Bus Fast and Hs-mode (read and write)
– Parallel Interface (read and write)
– Serial Interface (read and write)
■ Fully Integrated oscillator requires no external
components
■ CMOS compatible inputs
■ Fully integrated configurable LCD bias voltage
generator with:
–Selectable multiplication factor (up to 6X)
– Effective sensing for High Precision Output
– Eight selectable temperature compensation
coefficients
■ Designed for chip-on-glass (COG) applications
■ Low power consumption, suitable for battery
operated systems
■ Logic supply voltage range from 1.7 to 3.6V
■ High voltage generator supply voltage range
from 1.75 to 4.2V
■ Display supply voltage range from 4.5 Vto
14.5V
■ Backward compatibility with STE2001
Description
The STE2002 is a low power CMOS LCD
controller driver. Designed to drive a 81 rows by
128 columns graphic display, provides all
necessary functions in a single chip, including on-
chip LCD supply and bias voltages generators,
resulting in a minimum of externals components
and in a very low power consumption. The
STE2002 features three standard interfaces
(Serial, Parallel & I2C) for ease of interfacing with
the host microcontroller.
Block diagram
COLUMN
DRIVERS
ROW
DRIVERS
DATA
LATCHES
104 x 128
RAM
DISPLAY
CONTROL
LOGIC
SCROLL
LOGIC
DATA
REGISTER
I2CBUS
INSTRUCTION
REGISTER
OSC
CO to C127
R0 to R80
OSC_IN
VLCDIN
VLCDSENSE
RES
VDD1,2
CLOCK
TIMING
GENERATOR
BIAS VOLTAGE
GENERATOR
HIGH VOLTAGE
GENERATOR
RESET
TEST
SHIFT
REGISTER
VLCDOUT
VSS
SEL1,2
SAO
TEST_1_14
SDA_IN
SDA_OUT
SCL
PARALLEL
SERIAL
SCE
SDIN
SCLK
SD/C
BSY_FLG
SA1
EXT
SOUT
ICON_MODE
VSSAUX
ICON
OSC_OUT
DB0 to DB7 E
PD/C
R/W
www.st.com


Similar Part No. - STE2002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
STE2002DIE2 STMICROELECTRONICS-STE2002DIE2 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
More results

Similar Description - STE2002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
logo
Samsung semiconductor
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007 Datasheet
708Kb / 62P
96 x 68 Single Chip LCD Controller/Driver
09-Nov-2005
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Oct-2001
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
logo
Sitronix Technology Co....
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com