Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 25Page - STMicroelectronics STE2002 Datasheet HTML 26Page - STMicroelectronics STE2002 Datasheet HTML 27Page - STMicroelectronics STE2002 Datasheet HTML 28Page - STMicroelectronics STE2002 Datasheet HTML 29Page - STMicroelectronics STE2002 Datasheet HTML 30Page - STMicroelectronics STE2002 Datasheet HTML 31Page - STMicroelectronics STE2002 Datasheet HTML 32Page - STMicroelectronics STE2002 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
STE2002
Bus interfaces
29/61
Figure 34.
Reading sequence
5.3
Parallel interface
The STE2002 parallel Interface is a bidirectional link between the display driver and the
application supervisor. It consists of eleven lines: eight data lines (from DB7 to DB0) and
three control lines. The control lines are: enable (E) for data latch, PD/C for mode selection
and R/W for reading or writing.
The data lines and the control line values are internally latched on E rising edge (fig. 50).
When the parallel interface is selected, if R/W line is set to “one”, D0-D7 lines are configured
as output drivers (low impedence) and it is possible to read the driver I2C address (Fig. 51)
READING SEQUENCE
Write a "00000000" Instruction
Source 8 pulses on SCLK and
Read the I2C Address or Status Byte On SOUT
END OF READING SEQUENCE
SOUT Buffer Configured in High Impedence
LR0078
SOUT Buffer becomes active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.
Table 10.
STE2001-like instruction set
Instruction
D/C
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Description
H=0 or H=1
0
0
000000
0
0
Read I2C Address
(with Serial Interface
only)
Function Set
0
0
0
0
1
MX
MY
PD
V
H[0]
Power Down
Management; Entry
Mode;
Read Status Byte
0
1
PD
A1
A2
D
E
MX
MY
DO
(I2C interface only)
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com