Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 44Page - STMicroelectronics STE2002 Datasheet HTML 45Page - STMicroelectronics STE2002 Datasheet HTML 46Page - STMicroelectronics STE2002 Datasheet HTML 47Page - STMicroelectronics STE2002 Datasheet HTML 48Page - STMicroelectronics STE2002 Datasheet HTML 49Page - STMicroelectronics STE2002 Datasheet HTML 50Page - STMicroelectronics STE2002 Datasheet HTML 51Page - STMicroelectronics STE2002 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
Electrical characteristics
STE2002
48/61
TrDA
Rise time of SDAH signal Cb=100pF(2) (3) (4)
10
ns
TfDA
Fall time of SDAH signal
Cb=100pF (2) (3) (4)
10
80
ns
TrDA
Rise time of SDAH signal Cb=400pF(2) (3) (4)
20
ns
TfDA
Fall time of SDAH signal
Cb=400pF(2) (3) (4)
20
160
ns
TSU;STO
Set-up time for STOP
condition
Cb=100pF(2) (3)
160
ns
Cb
Capacitive load for SDAH
and SCLH
100
400
pF
Cb
Capacitive load for SDAH
+ SDA line and SCLH +
SCL line
400
pF
Parallel interface (
Figure 49, Figure 50)
TCY(EN)
Enable Cycle Time
VDD1 = 1.7V; Write-
(2) (5)
150
ns
TW(EN)
Enable Pulse width
60
ns
TSU(A)
Address Set-up Time
30
ns
TH(A)
Address Hold Time
40
ns
TSU(D)
Data Set-Up Time
30
ns
TH(D)
Data Hold Time
30
ns
TSU(D)
Data Set-Up Time in
read Mode
100
ns
THU(D)
Data Hold Time In Read
mode
100
ns
Table 27.
AC operation (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com