Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 6Page - STMicroelectronics STE2002 Datasheet HTML 7Page - STMicroelectronics STE2002 Datasheet HTML 8Page - STMicroelectronics STE2002 Datasheet HTML 9Page - STMicroelectronics STE2002 Datasheet HTML 10Page - STMicroelectronics STE2002 Datasheet HTML 11Page - STMicroelectronics STE2002 Datasheet HTML 12Page - STMicroelectronics STE2002 Datasheet HTML 13Page - STMicroelectronics STE2002 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Circuit description
STE2002
10/61
2.5
LCD voltage generation
The LCD Voltage at reference temperature (To = 27°C) can be set using the VOP register
content according to the following formula:
VLCD(T=To) = VLCDo = (Ai+VOP · B)
(i=0,1,2)
with the following values:
Note that the three PRS values produce three adjacent ranges for VLCD. If the VOP register
and PRS bits are set to zero the internal voltage generator is switched off.
The proper value for the VLCD is a function of the Liquid Crystal Threshold Voltage (Vth)
and of the Multiplexing Rate. A general expression for this is:
For MUX Rate m = 65 the ideal VLCD is:
VLCD(to) = 6.85 · Vth
then:
Table 4.
LCD voltage values
Symbol
Value
Unit
Note
Ao
2.95
V
PRS = [0;0]
A1
6.83
V
PRS = [0;1]
A2
10.71
V
PRS = [1;0]
B0.0303V
To
27
°C
V
LCD
1m
+
21
1
m
---------
–
⎝⎠
⎛⎞
⋅
---------------------------------------
V
th
⋅
=
V
op
6.85
V
th
A
i
–
⋅
()
0.03
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com